luxeon c color line multiple colors, a single focal length the luxeon c color line is an optically advanced portfolio of color and white leds. designed for fawless color mixing, luxeon c color l ine has one focal length for all colors, which provides consistent radiation patterns from secondary optics and maximizes optical efciency. with low dome design, it keeps efective source size small while stil l improving light extraction. designed for smooth color mixing and maximum punch, luxeon c color line is the optimal led solution for architecture, entertainment and emergency vehicle lighting applications. features and benefits primary applications one focal length allows fawless color mixing, maximum optical efciency and removes halos architectural & entertainment low dome design eliminates trade-ofs between fux and source size lamps hot testedremoves guesswork for designers C color tunable industrys lowest thermal resistance means greater light output and lower heatsink costs specialty lighting small symmetrical 2x2mm2 package enables dense packing and limits the impact of rotation during refow C emergency vehicle illumination pb144 luxeon c color line product brief ?2017 lumileds holding b.v. all rights reserved.
?2017 lumileds holding b.v. all rights reserved. luxeon is a registered trademark of the lumileds holding b.v. in the united states and other countries. lumileds.com neither lumileds holding b.v. nor its afliates shall be liable for any kind of loss of data or any other damages, direct, indirect or consequential, resulting from the use of the provided information and data. although lumileds holding b.v. and/or its afliates have attempted to provide the most accurate information and data, the materials and services information and data are provided as is, and nei ther lumileds holding b.v. nor its afliates warrants or guarantees the contents and correctness of the provided information and data. lumileds holding b.v. and its afliates reserve the right to make changes without notice. you as user agree to this disclaimer and user agree - ment with the download or use of the provided materials, information and data. a listing of lumileds product/ patent coverage may be accessed at lumileds.com/patents. notes: 1. drawings are not to scale. 2. all dimensions are in millimeters. mechanical dimensions for luxeon c color line. luxeon c colors product performance at 350ma, t j =85oc. colo domnant o ea waelent nm lumnou lux lm o adometc owe m w at nume mnmum maxmum mnmum tcal far red 720 750 190 230 l1c1-frd1000000000 deep red 655 675 280 315 l1c1-drd1000000000 red 624 634 35 49 l1c1-red1000000000 red-orange 614 624 45 60 l1c1-rng1000000000 amber 585 600 20 30 l1c1-amb1000000000 pc amber C C 80 94 L1C1-PCA1000000000 mint C C 140 152 l1c1-mnt1000000000 lime C C 125 135 l1c1-lme1000000000 green 520 540 90 115 l1c1-grn1000000000 cyan 490 510 65 90 l1c1-cyn1000000000 blue 465 485 25 41 l1c1-blu1000000000 royal blue 440 460 480 532 l1c1-ryl1000000000 notes: 1. lumileds maintains a tolerance of 6.5% on luminous fux measurements. pc amber, mint and lime are binned by chromaticity coordinates. far red, deep red and royal blue are binned by peak wavelength. all other colors are binned by dominant wavelength. 2. far red, deep red and royal blue are binned by radiometric power. all other colors are binned by luminous fux. luxeon c white product performance at 350ma, t j =85c. nomnal cct mnmum c lumnou lux lm tcal lumnou ecac lmw at nume mnmum tcal 4000k 70 100 116 121 l1c1-4070000000000 5000k 70 100 117 122 l1c1-5070000000000 5700k 70 100 118 124 l1c1-5770000000000 6500k 70 100 119 124 l1c1-6570000000000 2700k 80 90 94 98 l1c1-2780000000000 3000k 80 90 102 106 l1c1-3080000000000 4000k 80 100 113 117 l1c1-4080000000000 5700k 90 80 93 94 l1c1-5790000000000 notes: 1. lumileds maintains a tolerance of 2 on cri and 6.5% on luminous fux measurements. pb144 luxeon c color line product brief 20171115
|